Part Number Hot Search : 
B1515 AN124 SFS2327 4WC08ZE 1366A 8T250 PT1300 A278308
Product Description
Full Text Search
 

To Download 2FAD-C20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

New Product Development Integrated Passive Device RF Low Pass Filter Performance ESD Protection to IEC61000-4-2 Spec.
2FAD-C20R Series - Integrated Passive & Active Device using CSP
General Information The 2FAD-C20R devices, manufactured using Thin Film On Silicon technology provide ESD protection and EMI filtering for the data port of portable electronic devices such as cell phones, modems and PDAs. The device incorporates six low pass filter channels. Each channel has a series 100 ohm resistor assuring a minimum of -30 dB attenuation from 800 MHz to 3 GHz. The device is suitable for EMI filtering of GSM, CDMA, W-CDMA, WLAN and Bluetooth frequencies. Each external port of the six channels includes a back-toback 6.5 Volt Zener diode for ESD protection. Two additional standalone 6.5 Volt Zener diodes are available for ESD protection on power lines or USB data ports. The ESD protection provided by the component enables an eight line data port to withstand a minimum 8 KV Contact / 15 KV Air Discharge when tested according to the ESD method specified in IEC 61000-4-2. The device measures 2.04 mm x 2.64 mm and is available in a 20 pin (4 x 5 array) CSP package intended to be mounted directly onto an FR4 printed circuit board. The CSP device meets typical thermal cycle and bend test specifications without the use of an underfill material.
SOLDER BUMPS SILICON DIE
Figure 1 - CSP Format
Electrical & Thermal Characteristics
Electrical Characteristics
(TA = 25 C unless otherwise noted) Zener Diode Breakdown Voltage @ 1 mA Leakage Current @ 3 V ESD Performance (Note 1 & 2) Withstand: Contact Discharge Withstand: Air Discharge Let Through: Contact Discharge Let Through: Air Discharge Channel Specification Resistance Capacitance @ 1 V & 1 MHz Filter Attenuation: 800 MHz - 3000 MHz
Symbol
VZT IR
Minimum
6
Nominal
7.2
Maximum
8 1
Unit
V uA kV kV V V pF dB
8 15 150 150 R C 90 -30 100 50 -40 110 55
Thermal Characteristics
(TA = 25 C unless otherwise noted) Operating Temperature Storage Temperature Total Power Dissipation @ 70 C Note: TJ Tstg PD -40 -60 25 25 +85 +125 100 C C mW
1. The IEC 61000-4-2 test method will be adapted for component level testing. The device will provide the specified ESD protection performance on the "EXT1 - EXT8" pins only. 2. "Let Through" is a measure of the component of an incident ESD transient that the protection device allows through to the downstream circuitry.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAD-C20R Series - Integrated Passive & Active Device using CSP
Mechanical Characteristics This is a Silicon-based device and is packaged using chip scale packaging technology. Solder bumps, formed on the Silicon die, provide the interconnect medium from die to PCB. The bumps are arranged on the die in a regular grid formation. The grid pitch is 0.5 mm and the dimensions for the CSP packaged device are shown in Fig. 2 below.
858 40 (33.78 1.57) 248.5 45 (9.78 1.78) BUMP A1/PIN 1 INDICATOR BOURNS LOGO
A1
B1
C1
D1
A2
B2
C2
D2
500 (19.69)
A3 B3
300 DIA. (11.81)
C3 D3
2597 45 (102.24 1.78)
A4
B4
C4
D4
500 (19.69)
A5 B5 C5 D5
225 20 (8.86 0.79)
348.5 45 (13.72 1.78)
248.5 45 (9.78 1.78)
45 45 (1.78 1.78)
45 45 (1.78 1.78)
1997 45 (78.62 1.78)
DIMENSIONS =
MICRONS (MILS)
Fig. 2 - Device Mechanical Drawing
Reliability Reliability data exists and continues to be gathered on an ongoing basis for Bourns Integrated Passive and Active Devices using CSP packaging. "Package level" testing of the integrity of the solder joint is carried out on an independent Daisy-Chain test device. A 25-Pin Daisy Chain component is available from Bourns for this purpose. (Part No: 2TAD-C25R) This is a 5 x 5 array, featuring 0.5 mm pitch solder bumps. The Distance to Neutral Point (DNP) on that component is larger than that of the 2FAD-C20R and is thus deemed a worse case for Thermal Cycle testing. "Silicon level" reliability performance will be assured by similarity to other integrated passive CSP devices from Bourns. Individual Channel Schematic This section contains the schematic (See Fig. 3 below) for the single channel in the integrated passive device. Note that the electrical parameters of primary interest are (a) DC Resistance (b) ESD performance and (c) low pass filter attenuation. In terms of DC parameters it should be noted that all resistor values have a tolerance of 10 %. This schematic consists of a series 100 ohm resistance and two Back to Back Zener 6.5 Volt diodes for ESD protection. Key Design Parameters Source Impedance: 50 100 EXT1 - EXT6 INT1 - INT6 Load Impedance: 50 DC Channel Resistance: 100 10 % 6.5 V Channel Capacitance: 55 pF Max @ 1 V & 1 MHz VBR: 6 V Min, 8 V Max @ IBR = 1 mA. IR: 1 uA Max @ VR = 3 V Filter Attenuation: -30 dB Minimum Fig. 3 - Channel Schematic @ 800 MHz - 3000 MHz
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAD-C20R Series - Integrated Passive & Active Device using CSP
Block Diagram Figure 4 contains a block diagram of the CSP device. This diagram includes the pin names and basic electrical connections associated with each channel. Marking The device will be laser marked on the backside according to the following Fig. 5 scheme below. Position A1, on the Bump Grid is located at the top left of the die when the die is orientated so that the mark is read in the normal fashion.
PIN A1 LOCATION
100 EXT1 6.5 V INT1
12345 FAD Lotcode
A
100 EXT2 6.5 V INT2
B C D
100 EXT3 6.5 V INT3
Fig. 5 - Backside Laser Mark
PCB Design and SMT Processing
100 EXT4 6.5 V INT4
Please consult Bourns' Thin Film on Silicon using CSP Users Guide Application Note for notes on PCB design and SMT processing.
100 EXT5 6.5 V 0 INT5
2FAD-C20R Frequency Response
100 EXT6 6.5 V INT6
-20 1 MHz 700 MHz 3 GHz -6 dB -50 dB -34 dB
-40
-60 1.0 MHz GROUND x6 6.5 V 6.5 V 10 MHz 100 MHz FREQUENCY 1.0 GHz 5.0 GHz
How to Order
2 FAD - C20R__
Thinfilm Model
EXT7 EXT8
Chipscale No. of Solder Bumps Packaging Option - R = Tape and Reel Packaged 3000 pcs. / 7 " reel
Fig. 4 - Device Block Diagram
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAD-C20R Series - Integrated Passive & Active Device using CSP
Device Pin Out The Pin-Out for the device is shown in Fig. 6. Note also that the device is shown with bumps facing up.
INT3 INT4 INT5
D
INT2 INT6
C
INT1 EXT8
B
EXT1
GROUND X 6 EXT7
A
EXT2 EXT6
Function EXT2 EXT3 EXT4 EXT5 EXT6 EXT1 Ground Ground Ground EXT7
Pin Out A1 A2 A3 A4 A5 B1 B2 B3 B4 B5
Function INT1 Ground Ground Ground EXT8 INT2 INT3 INT4 INT5 INT6
Pin Out C1 C2 C3 C4 C5 D1 D2 D3 D4 D5
1
EXT3
2
3
EXT4
4
5
EXT5
Fig. 6 (a) - Device Pin Out "Bumps Up" View
Fig. 6 (b) - Pin Listings
Packaging The product will be dispensed in an 8 mm x 4 mm Tape and Reel format - see Fig. 7 diagram below. The Tape and Reel package will conform to customer specification.
0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002) 4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
R
0.3 MAX. (0.01)
8.0 0.3 (.31 .01) 3.5 0.05 (.14 .002) 2.19 0.05 (.09 .002) 4.0 0.1 (.16 .004) R 0.25 TYP. (0.001) MILLIMETERS (INCHES)
0.9 0.05 (.04 .002)
2.77 0.05 (.11 .002)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
DIMENSIONS =
Fig. 7 - Tape and Reel Drawing
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +353 214 515 225 * FAX +353 214 515 292 North America: TEL +1-909 781-5492 * FAX +1-909 781-5700
www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2002, BOURNS, INC. LITHO IN U.S.A. e/TF0207rev. 2FAD-C20R REV. C, 7/9/03


▲Up To Search▲   

 
Price & Availability of 2FAD-C20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X